Part Number Hot Search : 
E914GD MC12002D 5AT5D 100TR 5D161T13 6PH60 AON740 3S111
Product Description
Full Text Search
 

To Download 5KP45APT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 110 VOLTS 5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE
FEATURES
Plastic package 5000W surge capability at 1ms Glass passivated chip junction in P-6 Package Excellent clamping capability Low Zener lmpedance Fast response time: typically less than 1.0ps from 0 volts to BV min. * Typical IR less than 1 uA above 10V * High temperature soldering guaranteed: 300 degree C/10seconds/.375"(9.5mm) lead length/51 bs., (2.3k) tension * * * * * *
5KP SERIES
P-6
0.052(1.3) DIA. 0.048(1.2) 1.0(25.4) MIN.
MECHANICAL DATA
Case: JEDEC P-6 molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.007 ounce, 2.1 grams
0.360(9.1) 0.340(8.6) 0.360(9.1) DIA. 0.340(8.6)
1.0(25.4) MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
P-6
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For Bidirectional use C or CA Suffix for types 5KP5.0 thru types 5KP110 Electrical characteristics apply in both directions.
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS SYMBOL VALUE UNITS
Peak Power Dissipation at TA = 25oC, Tp = 1ms ( Note1 )
PPK
Minimum 5000
Watts
Steady State Power Dissipation at TL = 75oC Lead Lengths .375" (9.5mm) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load ( Note 2 )
PD
8.0
Watts
IFSM
400
Amps
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
o
C
NOTES : 1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25oC per Fig. 2. 2. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
2001-6
Breakdown Voltage PRODUCT NO. VBR Volts ( NOTE 1 ) MIN. 5KP5.0PT 5KP5.0APT 5KP6.0PT 5KP6.0APT 5KP6.5PT 5KP6.5APT 5KP7.0PT 5KP7.0APT 5KP7.5PT 5KP7.5APT 5KP8.0PT 5KP8.0APT 5KP8.5PT 5KP8.5APT 5KP9.0PT 5KP9.0APT 5KP10PT 5KP10APT 5KP11PT 5KP11APT 5KP12PT 5KP12APT 5KP13PT 5KP13APT 5KP14PT 5KP14APT 5KP15PT 5KP15APT 5KP16PT 5KP16APT 5KP17PT 5KP17APT 5KP18PT 5KP18APT 5KP20PT 5KP20APT 5KP22PT 5KP22APT 5KP24PT 5KP24APT 5KP26PT 5KP26APT 5KP28PT 5KP28APT 5KP30PT 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 MAX. 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 8.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 50 50 50 50 50 50 50 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
@ IT ( mA )
Working Peak Reverse Voltage
Maximum Reverse Leakage at Vrwm
Maximum Reverse Current ( NOTE 2 )
Maximum Reverse Voltage at Irsm ( clamping ) Vrsm ( V ) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 28.8 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5
Maximum Temperature Coefficient of Vbr
Vrwm ( V ) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0
Ir ( uA ) 2000 2000 5000 5000 2000 2000 1000 1000 250 250 150 150 50.0 50.0 20.0 20.0 15.0 15.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0
Irsm ( A ) 520 543 439 485 407 447 378 417 350 388 333 367 314 347 295 325 266 294 249 274 227 251 210 232 194 215 188 206 176 176 164 161 155 172 139 154 127 141 116 128 107 119 99 110 93
( %C ) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103
Breakdown Voltage PRODUCT NO. VBR Volts ( NOTE 1 ) MIN. 5KP30APT 5KP33PT 5KP33APT 5KP36PT 5KP36APT 5KP40PT 5KP40APT 5KP43PT 5KP43APT 5KP45PT 5KP45APT 5KP48PT 5KP48APT 5KP51PT 5KP51APT 5KP54PT 5KP54APT 5KP58PT 5KP58APT 5KP60PT 5KP60APT 5KP64PT 5KP64APT 5KP70PT 5KP70APT 5KP75PT 5KP75APT 5KP78PT 5KP78APT 5KP85PT 5KP85APT 5KP90PT 5KP90APT 5KP100PT 5KP100APT 5KP110PT 5KP110APT 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.1 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.7 71.1 77.6 77.8 83.3 83.3 86.7 86.7 94.9 94.9 100 100 111 111 122 122 MAX. 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 96.9 78.6 95.1 86.0 102 92.1 106.0 95.8 115 104 122 111 136 123 149 135 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
@ IT ( mA )
Working Peak Reverse Voltage
Maximum Reverse Leakage at Vrwm
Maximum Reverse Current ( NOTE 2 )
Maximum Reverse Voltage at Irsm ( clamping ) Vrsm ( V ) 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 94 107 97 114 103 125 113 134 121 126 126 151 137 160 146 179 162 196 177
Maximum Temperature Coefficient of Vbr
Vrwm ( V ) 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110
Ir ( uA ) 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0
Irsm ( A ) 103 85 94 78 85 70 78 65 72 62 69 58 65 55 61 52 57 49 53 47 52 44 49 40 44 37 41 36 40 33 36 31 34 28 31 26 28
( %C ) 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.112 0.112
NOTES : 1. Vbr measured after IT applied for 300 us. IT = Square Wave Pulse or equivalent. 2. Surge Current Waveform per Figure 3 and Derated per Figure 2. 3. Vf = 3.5 V max. at If= 100 A for all types on 1/2 Square or equivalent Sine Wave. PW = 8.3 ms, Duty Cycle = 4 Pulses per minute maximum.
RATING CHARACTERISTIC CURVES ( 5KP5.0PT ~ 5KP110APT )
PEAK PULSE POWER (PPP) OR CURRENT
FIG. 1 - PEAK PULSE POWER RATING CURVE PPPM, PEAK PULSE POWER, kW 100
Non-Repetitive Pulse Waveform Shown in Fig.3 TA = 25 OC
FIG. 2 - PULSE DERATING CURVE (IPP) DERATING IN PERCENTAGE,% 100
75
10
50
1.0
25
0.1 0.1uS
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE,( OC)
1.0uS
10uS
100uS
1.0mS
10mS
TP, PULSE WIDTH, sec
FIG. 3 - PULSE WAVEFORM 150
tr = 10usec. Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of IPPM
FIG. 4 - TYPICAL JUNCTION CAPACITANCE 100000
f = 1.0 MHz Vsig = 50mVp-p TJ = 25 OC
IPPM, PEAK PULSE CURRENT,%
CJ, CAPACITANCE, pF
Peak Value IPPM
Measured at Zero Bias
100
IPPM HALF VALUE 2 10/1000usec. Waveform as Defined by R.E.A.
10000
50
1000
Measured at Stand off Voltage,VWM
0 0
td
1.0
2.0 t, TIME,mS
3.0
4.0
100 1.0
10
100
200
V(BR), BREAKDOWN VOLTACE, VOLTS FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNI-DIRECTIONAL 400 IFSM, PEAK FORWARD SURGE CURRENT AMPERES
8.3ms Single Half Sine-Wave (JEDED Method)
FIG. 5 - STEADY STATE POWER DERATING CURVE 8 PM(AV), STEADY STATE POWER DISSIATION, WATTS
60Hz Resistive or Inductive Load
L = 0.375"(9.5mm)
Lead Lengths
350 300 250 200 150 100 1
6
4
1.6X1.6X0.040" (40X40X1mm) Copper Heat Sinks
2
0 0 25 50 75 100 125 150 TL, LEAD TEMPERATURE ( OC) 175 200
10 NUMBER OF CYCLES AT 60 Hz
100


▲Up To Search▲   

 
Price & Availability of 5KP45APT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X